PART |
Description |
Maker |
4CR1750 4CK1750 4CK1950 2CK1900 4CL1450 |
1700 MHz - 1800 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1900 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1850 MHz - 1950 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1400 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
PANASONIC CORP
|
DC15-73LF |
Directional Coupler 1.42-1.66 GHz 1420 MHz - 1660 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX
|
Skyworks Solutions, Inc.
|
C9043 |
50 dB Dual Directional Coupler
|
Werlatone
|
ADC-16-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
LRDC-10-2-75 |
Directional Coupler 75楼? 30 to 1000 MHz Directional Coupler 75惟 30 to 1000 MHz Directional Coupler 75Ω 30 to 1000 MHz
|
Mini-Circuits
|
ADC-10-4-75R |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits
|
ADC-20-4-75R |
Directional Coupler 75楼? 40 to 1000 MHz Directional Coupler 75惟 40 to 1000 MHz Directional Coupler 75Ω 40 to 1000 MHz
|
Mini-Circuits
|
ADC-6-1R |
Directional Coupler 50Ω 5 to 200 MHz Directional Coupler 50惟 5 to 200 MHz Directional Coupler 50ヘ 5 to 200 MHz
|
http:// Mini-Circuits
|
ADC-12-7550 |
Directional Coupler 50/75Ω 5 to 1000 MHz Directional Coupler 50/75惟 5 to 1000 MHz Directional Coupler 50/75ヘ 5 to 1000 MHz
|
Mini-Circuits
|
CH135H-35 |
OUTLINE, DIRECTIONAL COUPLER, DUAL SMA
|
Advanced Technical Materials Inc.
|